|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SENSITRON _____ SEMICONDUCTOR TECHNICAL DATA DATA SHEET 5132, REV A SRS3150HE SRS3150HEU HIGH EFFICIENCY POWER RECTIFIER DESCRIPTION: 1500 VOLT, 2.0 AMP SUPER FAST RECTIFIER FEATURES: * Single Chip Construction * Hermetically Sealed * Metallurgically Bonded * Super Fast Recovery: 100 ns max @ 25oC * Low Reverse Leakage Current * For High Efficiency Applications * TX, TXV and S-Level Screening Available MAX. RATINGS / ELECTRICAL CHARACTERISTICS RATING Peak Inverse Voltage (PIV) Average DC Output Current (IO) Peak Single Cycle Surge Current (IFSM) Operating and Storage Temp. (TOP & TSTG) Breakdown Voltage (VBR) Maximum Forward Voltage (VF) All ratings are at TA = 25C unless otherwise specified MIN TYP MAX 1500 2.0 20 UNIT Vdc Amps Amps(pk) C Vdc 1.95 2.5 Volts CONDITIONS TL = +75C, L = 0" tp = 8.3 ms Single Half Cycle Sine Wave, Superimposed On Rated Load IR = 50 A IF = 0.75 A IF = 2.0 A (300 sec pulse, duty cycle < 2%) -65 1500 - - +175 Maximum Instantaneous Reverse Current At Rated PIV Reverse Recovery Time (trr) TA = +25C TA = +125C IF=0.5A, IR=1.0A, IRR=0.25A TA = 25C TA = 125C 10 200 Amps - - 100 200 30 10 nsec Thermal Resistance (RJL, AXIAL) (RJEC, MELF) Junction to Lead, d = 0.375" Junction to End Caps C/W * 221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586 7600 Fax (631) 242 9798 * * World Wide Web Site - http://www.sensitron.com * E-Mail Address - sales@sensitron.com * SENSITRON _____ SEMICONDUCTOR TECHNICAL DATA DATA SHEET 5132, REV A SRS3150HE SRS3150HEU MECHANICAL DIMENSIONS In Inches / (mm), min./max. 0.042 (1.07 0.037 .94) FIG. 306: Axial Lead Rectifier Outlines .137 (3.48 .115 2.92) .300 (7.62 .130 3.30) 1.30 (33.0 .90 22.9) .028 (.71 .019 .48) R=.020 (0.51) Max .003 (.076) Min .148 (3.76 .137 3.48) MELF-B: MELF Package Outlines .225 (5.72 .200 5.08) .148 (3.76 .137 3.48) NOTE: Cathode side of device is indicated by dark band marked on body. DISCLAIMER: 1- The information given herein, including the specifications and dimensions, is subject to change without prior notice to improve product characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the datasheet(s). 2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment, medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by means of users' fail-safe precautions or other arrangement . 3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation of the user's units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any other problems that may result from applications of information, products or circuits described in the datasheets. 4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use at a value exceeding the absolute maximum rating. 5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor. 6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed written permission of Sensitron Semiconductor. 7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations. * 221 West Industry Court Deer Park, NY 11729-4681 Phone (631) 586 7600 Fax (631) 242 9798 * * World Wide Web Site - http://www.sensitron.com * E-Mail Address - sales@sensitron.com * |
Price & Availability of SRS3150HE |